Part Number Hot Search : 
GBL005 DG509 32R4MW6 AT54S MVL407 TIC216B TLGC191P 2SB1603A
Product Description
Full Text Search
 

To Download DDA143TU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30346 rev. 3 - 2 1 of 5 dda (xxxx) u www.diodes.com  diodes incorporated  epitaxial planar die construction  built-in biasing resistors  also available in lead free version characteristic symbol value unit supply voltage, (3) to (1) v cc 50 v input voltage, (2) to (1) dda124eu dda144eu dda114yu dda123ju dda114eu DDA143TU dda114tu v in +10 to -40 +10 to -40 +6 to -40 +5 to -12 +10 to -40 +5 vmax +5 vmax v output current dda124eu dda144eu dda114yu dda123ju dda114eu DDA143TU dda114tu i o -30 -30 -70 -100 -50 -100 -100 ma output current all i c (max) -100 ma power dissipation (total) p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified a m j l d b c h k g f pxx ym pxx ym mechanical data  case: sot-363, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, on page 3  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 3)  weight: 0.006 grams (approx.)  ordering information (see page 3) t c u d o r p w e n p/n r1 r2 marking dda124eu dda144eu dda114yu dda123ju dda114eu DDA143TU dda114tu 22k  47k  10k  2.2k  10k  4.7k  10k  22k  47k  47k  47k  10k  - - p17 p20 p14 p06 p13 p07 p12 r 1 r 1 r 2 r 2 r 1 r 1 r 1 , r 2 r 1 only schematic diagram dda (xxxx) u pnp pre-biased small signal sot-363 dual surface mount transistor sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j  0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25  0  8 all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. 150mw per element must not be exceeded.
ds30346 rev. 3 - 2 2 of 5 dda (xxxx) u www.diodes.com characteristic symbol min typ max unit test condition input voltage dda124eu dda144eu dda114yu dda123ju dda114eu v l(off) -0.5 -0.5 -0.3 -0.5 -0.5 -1.1 -1.1   -1.1  v v cc = -5v, i o = -100 a dda124eu dda144eu dda114yu dda123ju dda114eu v l(on)  -1.9 -1.9    1.9 -3.0 -3.0 -1.4 -1.1 -3.0 v o = -0.3, i o = -5ma v o = -0.3, i o = -2ma v o = -0.3, i o = -1ma v o = -0.3, i o = -5ma v o = -0.3, i o = -10ma output voltage dda124eu dda144eu dda114yu dda123ju dda114eu v o(on)  -0.1 -0.3 v i o /i l = -10ma / -0.5ma i o /i l = -10ma / -0.5ma i o /i l = -5ma / -0.25ma i o /i l = -5ma / -0.25ma i o /i l = -10ma / -0.5ma input current dda124eu dda144eu dda114yu dda123ju dda114eu i l  -0.36 -0.18 -0.88 -3.6 -0.88 ma v i = -5v output current i o(off)  -0.5 a v cc = -50v, v i = -0v dc current gain dda124eu dda144eu dda114yu dda123ju dda114eu g l 56 68 68 80 30  v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -10ma v o = -5v, i o = -10ma v o = -5v, i o = -5ma input resistor (r 1 ) tolerance
r 1 -30  +30 %  resistance ratio tolerance r 2 /r 1 -20  +20  gain-bandwidth product* f t  250  mhz v ce = -10v, i e = -5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only characteristic (DDA143TU & dda114tu only) symbol min typ max unit test condition collector-base breakdown voltage bv cbo -50  v i c = -50 a collector-emitter breakdown voltage bv ceo -50  v i c = -1ma emitter-base breakdown voltage bv ebo -5  v i e = -50 a collector cutoff current i cbo  -0.5 a v cb = -50v emitter cutoff current i ebo  -0.5 a v eb = -4v collector-emitter saturation voltage v ce(sat)  -0.3 v i c /i b = -2.5ma / -0.25ma DDA143TU i c /i b = -1ma / -0.1ma dda114tu dc current transfer ratio h fe 100 250 600  i c = -1ma, v ce = -5v input resistor (r 1 ) tolerance
r 1 -30  +30 %  gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz
ds30346 rev. 3 - 2 3 of 5 dda (xxxx) u www.diodes.com t c u d o r p w e n notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: dda114tu-7-f. device packaging shipping dda124eu-7 sot-363 3000/tape & reel dda144eu-7 sot-363 3000/tape & reel dda114yu-7 sot-363 3000/tape & reel dda123ju-7 sot-363 3000/tape & reel dda114eu-7 sot-363 3000/tape & reel DDA143TU-7 sot-363 3000/tape & reel dda114tu-7 sot-363 3000/tape & reel ordering information (note 3) month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key pxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september pxx ym pxx ym marking information
ds30346 rev. 3 - 2 4 of 5 dda (xxxx) u www.diodes.com t c u d o r p w e n 0.1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.001 0.01 1 10 100 0 1 234 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 25c 0.1 v = 5v o 75c 0 2 4 6 12 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 10 5 15 25 8 10 i=0v e 10 1000 100 1 10 100 h , dc current gain (normalized) fe i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (mw) d typical curves - dda123ju one section
ds30346 rev. 3 - 2 5 of 5 dda (xxxx) u www.diodes.com t c u d o r p w e n 1 1 10 01020304050 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01234 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 75c 25c 0.001 0 6 12 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 10 5 15 25 10 8 4 2 i=0v e 10 1000 100 1 1 10 100 h , dc current gain (normalized) fe i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 25 c 75 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 1 deratin g curve p , power dissipation (mw) d typical curves - dda114tu one section


▲Up To Search▲   

 
Price & Availability of DDA143TU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X